Part Number Hot Search : 
UPB428C RB520 20680 CXA1219M MJE13007 AN440 74AUP1 61713
Product Description
Full Text Search
 

To Download WJR7090 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WJR7090 - Korea
Multi-Protocol RFID Reader Module
Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)
Highly Scalable
WJ Communications' WJR7090 RFID multi-protocol reader module is designed specifically for the Korean market. Operating at the UHF frequency, this product offers OEMs and System Integrators the ability to deliver highly reliable, best-in-class, high performing RFID enabled printers, RFID handhelds and other RFID enabled devices. The WJR7090 reader module supports Class1, Gen1, ISO 18000-6B, and ISO 18000-6C (UHF Gen2) international standards and meets the requirements to operate in Gen2 Multiple Reader Environment (MRE) mode.
Product Features
Compliant to Global Standards * * * Class1 Gen1 ISO 18000-6B ISO 18000-6C (UHF Gen2)
Superior Performance
WJ's innovative, cost-effective and easy to integrate reader module delivers a full 1 watt of RF power and boasts two antenna ports with the flexibility to customize RFID devices to meet application specific needs. Typical applications for the WJR7090 include Handheld RFID Readers, RFID Enabled Printers, Fork Lift Readers, Portal Readers, and Mobile RFID devices.
Designed for Korean Market* 1W Transmit Power (+30 dBm) Antenna Ports * Single Antenna Operation * Switchable to 2 Separate Antennas * 50 MMCX Coaxial Connectors PCMCIA Type II Form Factor Serial Interface 3.3V CMOS Levels, 5V tolerant
*Pending certification
Ease of Integration
The WJR7090 is packaged in a PCMCIA Type II PC CardTM form factor with serial interface, for ease of integration into various RFID devices.
WJ Communications
401 River Oaks Parkway, San Jose, CA 95134
WWW.WJ.COM
WJR7090 - Korea
Multi-Protocol RFID Reader Module
Gen1, ISO 18000-6B and ISO 18000-6C (UHF Gen2)
Absolute Maximum Rating* Parameter
ESD Protection (per ISO 7816-1) Maximum Operating Voltage Operating Case Temperature Storage Temperature
Rating
2 6 -20 to +55 -40 to +65
Units
KV V C C
*Operation of this device above any of these parameters may cause permanent damage.
Specifications
Operating Conditions: Vcc = 5.00 VDC, TAMB = 25C, 50 System.
Symbol
fRFID fCH
Parameter
RF Frequency--UHF Operation Channel Spacing Frequency Hopping Channels (See Hop Frequency Channels Table below) Supply Voltage @ 1.3A, Connected to System* Peak Operating Current Maximum Transmit Power Power Control Range Step Size
Min
910
Typ
Ma x
914
Units
MHz kHz Channels
200 15 4.900 5.00 1.1 +29.6 12 1 -20 +50 10 5.5 1.3 +30
CH VCC IPEAK OP PTX-Max PRANGE
V A dBm dB dB C ppm
TOPERATING Sf
Operating Temperature Range Frequency Stability
*Measured at connector for 1.3A load.
Copyright WJ Communications June 2006. Subject to change without notice. All trademarks, trade names, service marks, and logos remain the property of the rightful owners
WJ Communications
401 River Oaks Parkway, San Jose, CA 95134
WWW.WJ.COM
WJR7090 - Korea
Multi-Protocol RFID Reader Module
Gen1, ISO 18000-6B and ISO 18000-6C (UHF Gen2)
Protocol Support Protocol
EPC Class1 Gen1 ISO 18000-6B ISO 18000-6C (UHF Gen2)
ID Read
X X X
ID Write
X X X
Data Read
X X
Data Write
X X
Password Write
X X X
Lock
X X X
MRE*
Kill
X
X
X
*Allows operation of multiple readers in vicinity.
Hop Frequency Channels Channel
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
Hop Frequencies (MHz)
911.0 911.2 912.6 910.6 911.8 911.6 913.0 912.8 911.4 913.4 912.4 912.2 910.8 912.0 913.2
Block Diagram*
*Simplified block diagram of the WJR7090 reader module
Copyright WJ Communications June 2006. Subject to change without notice. All trademarks, trade names, service marks, and logos remain the property of the rightful owners
WJ Communications
401 River Oaks Parkway, San Jose, CA 95134
WWW.WJ.COM
WJR7090 - Korea
Multi-Protocol RFID Reader Module
Gen1, ISO 18000-6B and ISO 18000-6C (UHF Gen2)
Mechanical Information PC CardTM Mechanical Specifications
The WJR7090 is housed in a standard 68-pin PCMCIA Type II PC CardTM form factor and the physical dimensions are listed in the diagram below.
Copyright WJ Communications June 2006. Subject to change without notice. All trademarks, trade names, service marks, and logos remain the property of the rightful owners
WJ Communications
401 River Oaks Parkway, San Jose, CA 95134
WWW.WJ.COM


▲Up To Search▲   

 
Price & Availability of WJR7090

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X